công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 85 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 164 page
background image
· SRW Bit
The SRWn bit in the SIMnCTL1 register defines whether the microcontroller slave device wishes to
read data from the I
2C bus or write data to the I2C bus. The microcontroller should examine this bit to
determine if it is to be a transmitter or a receiver. If the SRWn bit is set to ²1² then this indicates that
the master wishes to read data from the I
2C bus, therefore the microcontroller slave device must be
setup to send data to the I
2C bus as a transmitter. If the SRWn bit is ²0² then this indicates that the
master wishes to send data to the I
2C bus, therefore the microcontroller slave device must be setup to
read data from the I
2C bus as a receiver.
· Acknowledge Bit
After the master has transmitted a calling address, any slave device on the I
2C bus, whose own
internal address matches the calling address, must generate an acknowledge signal. This
acknowledge signal will inform the master that a slave device has accepted its calling address. If no
acknowledge signal is received by the master then a STOP signal must be transmitted by the master
to end the communication. When the HAASn bit is high, the addresses have matched and the
microcontroller slave device must check the SRWn bit to determine if it is to be a transmitter or a
receiver. If the SRWn bit is high, the microcontroller slave device should be setup to be a transmitter
so the HTXn bit in the SIMnCTL1 register should be set to ²1² if the SRWn bit is low then the
microcontroller slave device should be setup as a receiver and the HTXn bit in the SIMnCTL1
register should be set to ²0².
· Data Byte
The transmitted data is 8-bits wide and is transmitted after the slave device has acknowledged
receipt of its slave address. The order of serial bit transmission is the MSB first and the LSB last.
After receipt of 8-bits of data, the receiver must transmit an acknowledge signal, level ²0², before it
can receive the next data byte. If the transmitter does not receive an acknowledge bit signal from the
receiver, then it will release the SDAn line and the master will send out a STOP signal to release
control of the I
2C bus. The corresponding data will be stored in the SIMnDR register. If setup as a
transmitter, the microcontroller slave device must first write the data to be transmitted into the
SIMnDR register. If setup as a receiver, the microcontroller slave device must read the transmitted
data from the SIMnDR register.
· Receive Acknowledge Bit
When the receiver wishes to continue to receive the next data byte, it must generate an acknowledge
bit, known as TXAKn, on the 9th clock. The microcontroller slave device, which is setup as a
transmitter will check the RXAKn bit in the SIMnCTL1 register to determine if it is to send another
data byte, if not then it will release the SDAn line and await the receipt of a STOP signal from the
master.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
85
April 15, 2013
S C L n
S D A n
S t a r t b i t
D a t a
s t a b l e
D a t a
a l l o w
c h a n g e
S t o p b i t
Data Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com