công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 27 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 164 page
background image
mov a, 0bfh
; initialise high table pointer
mov tbhp, a
; it is not necessary to set tbhp if executing tabrdl
:
:
tabrdc tempreg1
tabrdl tempreg1
;transfers value in table referenced by table pointer
;to tempregl
;data at prog.memory address - BF06H transferred to
;tempreg1 and TBLH
dec tblp
;reduce value of table pointer by one
tabrdc tempreg2
tabrdl tempreg2
;transfers value in table referenced by table pointer
;to tempreg2
;data at prog.memory address - BF05H transferred
to
;tempreg2 and TBLH
;in this example the data1AH is transferred to
;tempreg1 and data0FH to tempreg2
;the value00Hwill be transferred to the high byte
;register TBLH
:
:
code5 .section‘c
¢code¢
org 1F00h
;sets initial address of lastpage
dc 00Ah,00Bh,00Ch,00Dh,00Eh,00Fh,01Ah,01Bh
:
:
Data Memory
The Data Memory is a volatile area of 8-bit wide RAM internal memory and is the location where
temporary information is stored. Divided into three sections, the first of these is an area of RAM where
special function registers are located. These registers have fixed locations and are necessary for correct
operation of the device. Many of these registers can be read from and written to directly under program
control, however, some remain protected from user manipulation. The second area of Data Memory is
reserved for general purpose use. All locations within this area are read and write accessible under
program control. The third area is reserved for the LCD Memory. This special area of Data Memory is
mapped directly to the LCD display so data written into this memory area will directly affect the
displayed data. The addresses of the LCD Memory area overlap those in the General Purpose Data
Memory area. Switching between the different Data Memory banks is achieved by setting the Bank
Pointer to the correct value.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
27
April 15, 2013
00H
7FH
80H
FFH
Special Purpose
Data Memory
General Purpose
Data Memory
Bank 0
Bank 4
Bank 31
Bank 1 and Bank 2
LCD Memory
Bank 3
Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com