công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 63 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 59Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 164 page
background image
A/D Converter Control Registers - ADCR, ADPCR, ACSR
To control the function and operation of the A/D converter, three control registers known as ADCR,
ADPCR and ACSR are provided. These 8-bit registers define functions such as the selection of which
analog channel is connected to the internal A/D converter, which pins are used as analog inputs and
which are used as normal I/Os, the A/D clock source as well as controlling the start function and
monitoring the A/D converter end of conversion status.
The ACS4, ACS2~ACS0 bits in the register and the ACS4 bit in the ACSR register define the channel
number. As the device contains only one actual analog to digital converter circuit, each of the
individual 8 analog inputs must be routed to the converter. It is the function of the ACS2~ACS0 bits in
the ADCR register and the ACS4 bit in the ACSR register to determine which analog channel is
actually connected to the internal A/D converter.
The ADPCR control register contains the PCR7~PCR0 bits which determine which pins on Port A are
used as analog inputs for the A/D converter and which pins are to be used as normal I/O pins. If the
PCRn bit has a value of 1, the related pin on PORT A will be set as an analog input. If the PCRn bit is
set to zero, then the related pin on Port A will be setup as a normal I/O pin.
ACSR Register
Bit
76543210
Name
TEST
ADONB
ACS4
VBGEN
VREFS
ADCS2
ADCS1
ADCS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
11000000
Bit 7
TEST: For test only, read as 1
Bit 6
ADONB: A/D Converter enable control
0: A/D converter is turned on
1: A/D converter is turned off
Bit 5
ACS4: Internal Band-gap reference voltage channel input selection
0: A/D converter analog channel is connected to the analog input from AN0 to AN/7
1: A/D converter analog channel is connected to the internal Band-gap voltage VBG
Bit 4
VBGEN: Band-gap reference voltage enable control
0: Band-gap voltage VBG is disabled and connected to the ground
1: Band-gap voltage VBG is enabled
The band-gap reference voltage VBG is used for the A/D converter and LVD/LVR function, which
is controlled by the band-gap reference voltage enable bit VBGEN in the ACSR register. If the
VBG is not used for the A/D converter and the LVD/LVR function is disabled, the microcontroller
hardware will automatically turned off the band-gap reference voltage to conserve power. Care
must be taken as when the VREFS bit is set high for the A/D converter, then a VBG turn on time
tBG must be allowed before any A/D conversions are implemented.
Bit 3
VREFS: A/D converter reference voltage selection bit
0: from the internal voltage AVDD
1: from the external pin VREF
The A/D reference voltage can come from either the internal voltage AVDD or the external
voltage VREF, which is selected by the VREFS bit in the ACSR register. When the VREFS bit
is cleared to 0, the reference voltage of the A/D converter comes from the internal A/D power
supply VADD and the external VREF pin can be used as an I/O pin or other pin-shared function.
When the VREFS bit is set to 1, the reference voltage of the A/D converter comes from the
external VREF pin and the I/O or other pin-shared functions are disabled.
Bit 2~0
ADCS2~ADCS0: Select A/D converter clock source
000: fSYS/2
001: fSYS/8
010: fSYS/32
011: undefined
100: fSYS
101: fSYS/4
110: fSYS/16
111: undefined
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
63
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com