công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 12 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 164 page
background image
Pin Name
I/O
Configuration
Option
Description
Power & Ground
VDD
P
¾
Positive power supply
VSS
P
¾
Negative power supply, ground
AVDD
P
¾
Analog positive power supply
AVSS
P
¾
Analog negative power supply, ground
CVSS
P
¾
DC/DC Converter Negative power supply, ground
USB
DP
I/O
¾
USB D+ line
DM
I/O
¾
USB D- line
V33O
P
¾
USB 3.3V regulator output
ISO 7816 - Smart Card Interface
VO
P
¾
External diode connection pin for DC/DC converter
SELF
P
¾
External inductor connection pin for DC/DC converter
CRST
O
¾
Smart card reset output
CCLK
O
¾
Smart card clock output
CC4
I/O
¾
Smart card C4 input/output
CC8
I/O
¾
Smart card C8 input/output
CIO
I/O
¾
Smart card data input/output
CDET
I
¾
Smart card detection input
CRDVCC
P
¾
Positive power supply for external smart card
Note: * For proper operation, VDDIO £ VDD
Absolute Maximum Ratings
Supply Voltage ...............................................................................................VSS-0.3V to VSS+6.0V
Storage Temperature .................................................................................................-50°Cto125°C
Input Voltage .................................................................................................VSS-0.3V to VDD+0.3V
Operating Temperature................................................................................................-40°Cto85°C
IOL Total.....................................................................................................................................80mA
IOH Total ..................................................................................................................................-80mA
Total Power Dissipation .........................................................................................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maximum Rat-
ings² may cause substantial damage to the device. Functional operation of this device at other condi-
tions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
Rev. 1.10
12
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com