công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 92 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 91Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 93Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 94Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 95Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 164 page
background image
MFIC0 Register
Bit
76543210
Name
PEF
TBF
RTF
SIM0F
EPI
ETBI
ERTI
ESIM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
PEF: External Peripheral interrupt request flag
0: inactive
1: active
Bit 6
TBF: Time Base interrupt request flag
0: inactive
1: active
Bit 5
RTF: Real Time Clock interrupt request flag
0: inactive
1: active
Bit 4
SIM0F: SIM 0 (SPI/I
2C) interrupt request flag
0: inactive
1: active
Bit 3
EPI: External Peripheral interrupt enable
0: disable
1: enable
Bit 2
ETBI: Time Base interrupt enable
0: disable
1: enable
Bit 1
ERTI: Real Time Clock interrupt enable
0: disable
1: enable
Bit 0
ESIM0: SIM 0 (SPI/I
2C) interrupt enable
0: disable
1: enable
MFIC1 Register
Bit
76543210
Name
¾
T3F
T2F
SIM1F
¾
ET3I
ET2I
ESIM1
R/W
¾
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
¾
000
¾
000
Bit 7
unimplemented, read as
²0²
Bit 6
T3F: Timer/Event Counter 3 interrupt request flag
0: inactive
1: active
Bit 5
T2F: Timer/Event Counter 2 interrupt request flag
0: inactive
1: active
Bit 4
SIM1F: SIM 1 (SPI/I2C) interrupt request flag
0: inactive
1: active
Bit 3
unimplemented, read as
²0²
Bit 2
ET3I: Timer/Event Counter 3 interrupt enable
0: disable
1: enable
Bit 1
ET2I: Timer/Event Counter 2 interrupt enable
0: disable
1: enable
Bit 0
ESIM1: SIM 1 (SPI/I2C) interrupt enable
0: disable
1: enable
Rev. 1.10
92
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com