công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT56RB688 bảng dữ liệu(PDF) 103 Page - Holtek Semiconductor Inc

tên linh kiện HT56RB688
Giải thích chi tiết về linh kiện  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 bảng dữ liệu(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 99Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 100Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 101Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 102Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 103Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 104Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 164 page
background image
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To
ensure reliable continuation of normal program execution after a reset occurs, it is important to know
what condition the microcontroller is in after a particular reset occurs. The following table describes
how each type of reset affects each of the microcontroller internal registers.
Register
Reset
(Power-on)
RES Reset
(Normal
Operation)
WDT Time-out
(Normal
Operation)
WDT Time-out
(HALT)
USB Reset
(Normal)
USB Reset
(HALT)
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu uuuu uuuu uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu uuuu uuuu uuuu uuuu
BP
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu uuuu uuuu uuuu uuuu
PCL
0000 0000 0000 0000
0000 0000
0000 0000 0000 0000 0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu uuuu uuuu uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu uuuu uuuu uuuu uuuu
RTCC
-- 00 0111 -- 00 0111
-- 00 0111
-- uu uuuu -- 00 0111 -- 00 0111
STATUS
-- 00 xxxx -- uu uuuu
-- 1u uuuu
-- 11 uuuu -- uu uuuu -- 01 uuuu
TBHP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu uuuu uuuu uuuu uuuu
MISC0
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
MISC1
0000 1010 0000 1010
0000 1010
uuuu uuuu 0000 1010 0000 1010
CLKMOD
0000 0x11
0000 0x11
0000 0x11
uuuu uuuu
0000 0x11
0000 0x11
DC2DC
---- -- 00 ---- -- 00
---- -- 00
---- -- uu ---- -- 00 ---- -- 00
INTC0
- 000 0000 - 000 0000
- 000 0000
- uuu uuuu - 000 0000 - 000 0000
INTC1
- 000 0000 - 000 0000
- 000 0000
- uuu uuuu - 000 0000 - 000 0000
INTC2
-- 00 -- 00 -- 00 -- 00
-- 00 -- 00
-- uu -- uu -- 00 -- 00 -- 00 -- 00
MFIC0
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
MFIC1
- 000 - 000 - 000 - 000
- 000 - 000
- uuu - uuu - 000 - 000 - 000 - 000
PAWU
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
PAPU
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
PA
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PAC
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PBPU
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
PB
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PBC
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PCPU
- 000 0000 - 000 0000
- 000 0000
uuuu uuuu
- 000 0000 - 000 0000
PC
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PCC
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PDPU
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
PD
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PDC
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PEPU
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
PE
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PEC
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PFPU
0000 0000 0000 0000
0000 0000
uuuu uuuu 0000 0000 0000 0000
PF
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PFC
1111 1111 1111 1111
1111 1111
uuuu uuuu 1111 1111 1111 1111
PWM0L
0000
- - - 0 0000 - - - 0
0000
- - - 0
uuuu
- - - u 0000 - - - 0 0000 - - - 0
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
103
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com