| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56156ROM bảng dữ liệu(PDF) 74 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56156ROM bảng dữ liệu(HTML) 74 Page - Motorola, Inc |
|
74 / 76 page ![]() Design Considerations MOTOROLA DSP56156 Data Sheet 69 Figure 49 Four Possible Power Supply Connections 28 AUX MIC Ideal Choice — Two separate power supplies. Ground planes connected with a single trace as close as possible to the VCCA pin on the codec. Second Choice — One power supply. Two regulators, one for the digital supply, one for the analog supply. Ground planes connected with a 10 ¾ resistor as close as possible to the VCCA pin on the codec. 10 Ω Voltage Regulator BIAS 28 AUX MIC BIAS Voltage Regulator Third Choice — One power supply. One regulator for the analog supply. Digital sup- plies driven directly by voltage source. Ground planes connected with a 10 ¾ resistor as close as possible to the VCCA pin on the codec. 10 Ω Fourth Choice — One power supply. Ground planes connected at source. Ground planes connected with a 10 ¾ resistor as close as pos- sible to the VCCA pin on the codec. 28 AUX MIC BIAS 10 Ω 28 AUX MIC BIAS Voltage Regulator Analog I/O Considerations Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |