công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56156ROM bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện DSP56156ROM
Giải thích chi tiết về linh kiện  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 2Page - Motorola, Inc DSP56156ROM Datasheet HTML 3Page - Motorola, Inc DSP56156ROM Datasheet HTML 4Page - Motorola, Inc DSP56156ROM Datasheet HTML 5Page - Motorola, Inc DSP56156ROM Datasheet HTML 6Page - Motorola, Inc DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc DSP56156ROM Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
6
DSP56156 Data Sheet
MOTOROLA
Introduction
Figure 2 DSP56156 Pin Functions
* These pins have an alternate function of general purpose input/output.
H0-H7*
HA0-HA2*
HR/W*
HEN*
HREQ*
HACK*
Interrupt/
Mode
Control
DSP56156
Host
Interface (HI)
On-Chip
Emulator
(OnCE
™)
Port
STD0*
SRD0*
SCK0*
SC00-SC10*
STD1*
SRD1*
SCK1*
SC01-SC11*
MIC
AUX
SPKM
BIAS
VREF
VDIV
VCC
GND
SPKP
MODA/IRQA
MODB/IRQB
MODC
RESET
EXTAL
CLKO
SXFC
A0-A15
D0-D15
BS
PS/DS
WR
RD
R/W
TA
BR
BG
BB
DSI/OS0
DSCK/OS1
DSO
DR
Clock
and
Phase-locked
Loop
(PLL)
External
Bus
On-Chip
Codec
Two
Synchronous
Serial
Interfaces
(SSI)
112 pins
Timer/Event
Counter
TIN*
TOUT*
Pin Functions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76