| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56156ROM bảng dữ liệu(PDF) 52 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56156ROM bảng dữ liệu(HTML) 52 Page - Motorola, Inc |
|
52 / 76 page ![]() Pin-out and Package 52 DSP56156 Data Sheet MOTOROLA Pin-out and Package Information Figure 39 Top View of the DSP56156 112-pin Plastic (FC) and Ceramic (FE) Quad Flat Packages GND4 D2 D3 VCC3 D4 D5 GND5 D6 D7 D8 D9 GND6 D10 D11 VCC4 D12 D13 GND7 D14 D15 TA DR VCCA SPKP SPKM GNDA VDIV VREF Orientation Mark 1 57 NOTE: An OVERBAR indicates the signal is asserted when the voltage = ground (active low). (Top View) MODA/IRQA RESET STD0/PC0 SRD0/PC1 SCK0/PC2 SC10/PC3 SC00/PC4 TIN/PC10 VCC7 TOUT/PC11 HA0/PB8 GND10 HA1/PB9 HA2/PB10 HR/W/PB11 HEN/PB12 HACK/PB14 HREQ/PB13 H0/PB0 H1/PB1 STD1/PC5 SRD1/PC6 H4/PB4 H3/PB3 H2/PB2 VCC6 H5/PB5 H6/PB6 Top View Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |