| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56156ROM bảng dữ liệu(PDF) 48 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56156ROM bảng dữ liệu(HTML) 48 Page - Motorola, Inc |
|
48 / 76 page ![]() AC Electrical Characteristics and Timing 48 DSP56156 Data Sheet MOTOROLA Figure 31 SSI Transmitter Timing NOTE: In the Network mode, output flag transitions can occur at the start of each time slot within the frame. In the Normal mode, the output flag state is asserted for the entire frame period. 150 151 155 152 153 155 156 First Bit Last Bit (See Note) 132 130 133 131 145 146 147 148 149 150 SCK (Input/Output) FST (Bit) Out FST (Word) Out Data Out FST (Bit) In FST (Word) In Flags Out 154 Timer Timing Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |