công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56156ROM bảng dữ liệu(PDF) 53 Page - Motorola, Inc

tên linh kiện DSP56156ROM
Giải thích chi tiết về linh kiện  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM bảng dữ liệu(HTML) 53 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 49Page - Motorola, Inc DSP56156ROM Datasheet HTML 50Page - Motorola, Inc DSP56156ROM Datasheet HTML 51Page - Motorola, Inc DSP56156ROM Datasheet HTML 52Page - Motorola, Inc DSP56156ROM Datasheet HTML 53Page - Motorola, Inc DSP56156ROM Datasheet HTML 54Page - Motorola, Inc DSP56156ROM Datasheet HTML 55Page - Motorola, Inc DSP56156ROM Datasheet HTML 56Page - Motorola, Inc DSP56156ROM Datasheet HTML 57Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
Pin-out and Package
MOTOROLA
DSP56156 Data Sheet
53
Figure 40 Bottom View of the DSP56156 112-pin Plastic (FC) and Ceramic (FE) Quad Flat Packages
NOTE: An OVERBAR indicates the signal is asserted when the voltage = ground (active low).
MODA/IRQA
RESET
STD0/PC0
SRD0/PC1
SCK0/PC2
SC10/PC3
SC00/PC4
TIN/PC10
VCC7
TOUT/PC11
HA0/PB8
GND10
HA1/PB9
HA2/PB10
HR/W/PB11
HEN/PB12
HACK/PB14
HREQ/PB13
H0/PB0
H1/PB1
STD1/PC5
SRD1/PC6
H4/PB4
H3/PB3
H2/PB2
VCC6
H5/PB5
H6/PB6
GND4
D2
D3
VCC3
D4
D5
GND5
D6
D7
D8
D9
GND6
D10
D11
VCC4
D12
D13
GND7
D14
D15
TA
DR
VCCA
SPKP
SPKM
GNDA
VDIV
VREF
Orientation Mark
1
57
(on Top side)
(Bottom View)
Bottom View
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76