| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56156ROM bảng dữ liệu(PDF) 54 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56156ROM bảng dữ liệu(HTML) 54 Page - Motorola, Inc |
|
54 / 76 page ![]() Pin-out and Package 54 DSP56156 Data Sheet MOTOROLA Table 23 DSP56156 General Purpose I/O Pin Identification 112-pin Package Pin # DSP56156 Primary Pin Function DSP56156 General Purpose I/O ID 66 H0 PB0 65 H1 PB1 60 H2 PB2 61 H3 PB3 62 H4 PB4 58 H5 PB5 57 H6 PB6 56 H7 PB7 74 HA0 PB8 72 HA1 PB9 71 HA2 PB10 70 HR/W PB11 69 HEN PB12 67 HREQ PB13 68 HACK PB14 82 STD0 PC0 81 SRD0 PC1 80 SCK0 PC2 79 SC10 PC3 78 SC00 PC4 64 STD1 PC5 63 SRD1 PC6 55 SCK1 PC7 54 SC11 PC8 52 SC01 PC9 77 TIN PC10 75 TOUT PC11 General Purpose I/O NOTES: 1. In Tables 23, 24, and 25, OVERBAR indicates the signal is asserted when the voltage = ground (active low). 2. For more information on power and ground, see Table 26 under Design Considerations. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |