công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS3134 bảng dữ liệu(PDF) 132 Page - Dallas Semiconductor

tên linh kiện DS3134
Giải thích chi tiết về linh kiện  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 bảng dữ liệu(HTML) 132 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 128Page - Dallas Semiconductor DS3134 Datasheet HTML 129Page - Dallas Semiconductor DS3134 Datasheet HTML 130Page - Dallas Semiconductor DS3134 Datasheet HTML 131Page - Dallas Semiconductor DS3134 Datasheet HTML 132Page - Dallas Semiconductor DS3134 Datasheet HTML 133Page - Dallas Semiconductor DS3134 Datasheet HTML 134Page - Dallas Semiconductor DS3134 Datasheet HTML 135Page - Dallas Semiconductor DS3134 Datasheet HTML 136Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 203 page
background image
DS3134
132 of 203
The Transmit DMA will read from the Transmit Pending Queue Descriptor circular queue which data
buffers and their associated descriptors are ready for transmission. To keep track of the addresses of the
circular queue in the Transmit Pending Queue, there are a set of internal addresses within the device that
are accessed by both the Host and the DMA. On initialization, the Host will configure all of the registers
shown in Table 8.2.3A. After initialization, the DMA will only write to (i.e. change) the read pointers
and the Host will only write to the write pointers.
Empty Case
The Transmit Pending Queue is considered empty when the read and write pointers are identical.
Transmit Pending Queue Empty State
empty descriptor
empty descriptor
empty descriptor
read pointer >
empty descriptor
< write pointer
empty descriptor
empty descriptor
empty descriptor
Full Case
The Transmit Pending Queue is considered full when the read pointer is ahead of the write pointer by one
descriptor. Hence, one descriptor must always remain empty.
Transmit Pending Queue Full State
valid descriptor
valid descriptor
empty descriptor
< write pointer
read pointer >
valid descriptor
valid descriptor
valid descriptor
valid descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More