| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS3134 bảng dữ liệu(PDF) 17 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 bảng dữ liệu(HTML) 17 Page - Dallas Semiconductor |
|
17 / 203 page ![]() DS3134 17 of 203 Lead Symbol Type Signal Description K19 LCS* I Local Bus Chip Select. V20 LD0 I/O Local Bus Data Bit 0. LSB. U20 LD1 I/O Local Bus Data Bit 1. T18 LD2 I/O Local Bus Data Bit 2. T19 LD3 I/O Local Bus Data Bit 3. T20 LD4 I/O Local Bus Data Bit 4. R18 LD5 I/O Local Bus Data Bit 5. P17 LD6 I/O Local Bus Data Bit 6. R19 LD7 I/O Local Bus Data Bit 7. R20 LD8 I/O Local Bus Data Bit 8. P18 LD9 I/O Local Bus Data Bit 9. P19 LD10 I/O Local Bus Data Bit 10. P20 LD11 I/O Local Bus Data Bit 11. N18 LD12 I/O Local Bus Data Bit 12. N19 LD13 I/O Local Bus Data Bit 13. N20 LD14 I/O Local Bus Data Bit 14. M17 LD15 I/O Local Bus Data Bit 15. MSB. L18 LHLDA(LBG*) I Local Bus Hold Acknowledge (Local Bus Grant). L19 LHOLD(LBR*) O Local Bus Hold (Local Bus Request). M18 LIM I Local Bus Intel/Motorola Bus Select. K20 LINT* I/O Local Bus Interrupt. M19 LMS I Local Bus Mode Select. H18 LRD*(LDS*) I/O Local Bus Read Enable (Local Bus Data Strobe). K18 LRDY* I Local Bus PCI Bridge Ready. H19 LWR*(LR/W*) I/O Local Bus Write Enable ( Local Bus Read/Write Select). A2 NC - No Connect. Do not connect any signal to this lead. A8 NC - No Connect. Do not connect any signal to this lead. A11 NC - No Connect. Do not connect any signal to this lead. A19 NC - No Connect. Do not connect any signal to this lead. B2 NC - No Connect. Do not connect any signal to this lead. B18 NC - No Connect. Do not connect any signal to this lead. J18 NC - No Connect. Do not connect any signal to this lead. J19 NC - No Connect. Do not connect any signal to this lead. K1 NC - No Connect. Do not connect any signal to this lead. K2 NC - No Connect. Do not connect any signal to this lead. K3 NC - No Connect. Do not connect any signal to this lead. L1 NC - No Connect. Do not connect any signal to this lead. L2 NC - No Connect. Do not connect any signal to this lead. L3 NC - No Connect. Do not connect any signal to this lead. M20 NC - No Connect. Do not connect any signal to this lead. U14 NC - No Connect. Do not connect any signal to this lead. W2 NC - No Connect. Do not connect any signal to this lead. W9 NC - No Connect. Do not connect any signal to this lead. Y1 NC - No Connect. Do not connect any signal to this lead. Y19 NC - No Connect. Do not connect any signal to this lead. |