| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS3134 bảng dữ liệu(PDF) 87 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 bảng dữ liệu(HTML) 87 Page - Dallas Semiconductor |
|
87 / 203 page ![]() DS3134 87 of 203 Starting Block Pointer. The Block Pointer RAM tells the device how to link the eight Blocks together to form a circular chain. The Host must set the Water Marks for the receive and transmit paths. The receive path has a High Water Mark and the transmit path has a Low Water Mark. FIFO Example Figure 7.1A CH 1 CH 2 CH 3 CH 4 CH 5 CH 6 CH 7 CH 8 CH 9 CH 10 CH 11 CH 12 CH 13 CH 14 CH 15 CH 16 CH 17 CH 18 CH 19 CH 20 CH 21 CH 255 CH 256 not used Block 0 Block 1 Block 2 Block 3 Block 4 Block 5 Block 6 Block 112 Block 113 Block 114 Block 115 Block 116 Block 117 Block 118 Block 119 Block 120 Block 121 Block 122 Block 123 Block 124 Block 125 Block 126 Block 127 Block 1022 Block 1023 not used not used not used Channel 2 not used not used not used not used not used not used Channel 16 Channel 16 Channel 16 Channel 16 Channel 6 Channel 6 Channel 2 Channel 2 Channel 2 Channel 2 Channel 2 Channel 2 Channel 2 Block 0 Block 1 Block 2 Block 3 Block 4 Block 5 Block 6 Block 4 Block 5 Block 3 Block 2 Block 114 Block 113 Block 119 Block 120 Block 121 Block 122 Block 125 Block 126 Block 112 Block 1022 Block 1023 Block 121 Block 122 Block 123 Block 124 Block 125 Block 126 Block 127 Block 112 Block 113 Block 114 Block 115 Block 116 Block 117 Block 118 Block 119 Block 120 1024 Block FIFO (1 Block = 4 dwords) Block Pointer RAM Starting Block Pointer Block Pointer 113 Block Pointer 5 Block Pointer 125 fifobd.drw HDLC Channel Number not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used not used Block 118 not used not used not used not used not used not used not used not used not used not used |