công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 232 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 232 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 228Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 229Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 230Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 407 page
background image
D7
Long Frame
Sync Pulse
Bit Shift Clock
(SCK/SRCLK)
Shift Data
(STD/SRD)
DS156
Short Frame
Sync Pulse
D6
D5
D4
D3
D2
D1
D0
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
The receive frame synchronization pulse on the SRFS pin (or SFS in synchronous mode) and the receive
shift clock on the SRCLK (or SCK in synchronous mode) may be generated internally, or they can be
supplied by an external source.
24.6 Communication Options
24.6.1 Data Word Length
The word length of the audio data can be selected to be either 8 or 16 bits. In 16-bit mode, all 16 bits of
the transmit and receive shift registers (ATSR and ARSR) are used. In 8-bit mode, only the lower 8 bits of
the transmit and receive shift registers (ATSR and ARSR) are used.
24.6.2 Frame Sync Signal
The audio interface can be configured to use either long or short frame sync signals to mark the beginning
of a new data frame. If the corresponding Frame Sync Select (FSS) bit in the Audio Control and Status
register is clear, the receive and/or transmit path generates or recognizes short frame sync pulses with a
length of one bit shift clock period. When these short frame sync pulses are used, the transfer of the first
data bit or the first slot begins at the first positive edge of the shift clock after the negative edge on the
frame sync pulse.
If the corresponding Frame Sync Select (FSS) bit in the Audio Control and Status register is set, the
receive and/or transmit path generates or recognizes long frame sync pulses. For 8-bit data, the frame
sync pulse generated will be 6 bit shift clock periods long, and for 16-bit data the frame sync pulse can be
configured to be 13, 14, 15, or 16 bit shift clock periods long. When receiving frame sync, it should be
active on the first bit of data and stay active for a least two bit clock periods. It must go low for at least one
bit clock period before starting a new frame. When long frame sync pulses are used, the transfer of the
first word (first slot) begins at the first positive edge of the bit shift clock after the positive edge of the
frame sync pulse. Figure 24-7 shows examples of short and long frame sync pulses.
Figure 24-7. Short and Long Frame Sync Pulses
Some codecs require an inverted frame sync signal. This is available by setting the Inverted Frame Sync
bit in the AGCR register.
232
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com