công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 231 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 231 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 227Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 228Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 229Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 230Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
24.5.7.2 FIFO Operation
When a complete data word has been transmitted through the STD pin, a new data word is reloaded from
the transmit FIFO from the current location of the Transmit FIFO Read Pointer (TRP). After that, the TRP
is automatically incremented by 1. Therefore, the audio data to be transmitted in the next slot of the frame
is read from the next FIFO location.
A write to the Audio Transmit FIFO Register (ATFR) results in a write to the transmit FIFO at the current
location of the Transmit FIFO Write Pointer (TWP). After every write operation to the transmit FIFO, the
TWP is automatically incremented by 1.
When the TRP is equal to the TWP and the last access to the FIFO was a read operation (transfer to the
ATSR), the transmit FIFO is empty. When an additional read operation from the FIFO to the ATSR is
performed (while the FIFO is already empty), a transmit FIFO underrun occurs. In this case, the read
pointer (TRP) will be decremented by 1 (incremented by 15) and the previous data word will be
transmitted again. A transmit FIFO underrun is indicated by the TXU bit in the Audio Interface Transmit
Status and Control Register (ATSCR). No transmit interrupt will be generated (even if enabled).
If the current TRP is equal to the TWP and the last access to the FIFO was a write operation (to the
ATFR), the FIFO is full. If an additional write to the ATFR is performed, a transmit FIFO overrun occurs.
This error condition is not prevented by hardware. Software must ensure that no transmit overrun occurs.
The transmit frame synchronization pulse on the SFS pin and the transmit shift clock on the SCK pin may
be generated internally, or they can be supplied by an external source.
24.5.8 Receive
The receive shift register (ARSR) receives data words of all slots in the frame, regardless of the slot
assignment of the interface. However, only those ARSR contents are transferred to the receive FIFO or
DMA receive register which were received during the assigned time slots. A receive interrupt or DMA
request is initiated when this occurs.
24.5.8.1 DMA Operation
When a complete data word has been received through the SRD pin in a slot n, the new data word is
transferred to the corresponding receive DMA register n (ARDRn). A DMA request is asserted when the
ARDRn register is full. If a new slot n data word is received while the ARDRn register is still full, the
ARDRn register will be overwritten with the new data.
24.5.8.2 FIFO Operation
When a complete word has been received, it is transferred to the receive FIFO at the current location of
the Receive FIFO Write Pointer (RWP). After that, the RWP is automatically incremented by 1. Therefore,
data received in the next slot is copied to the next higher FIFO location.
A read from the Audio Receive FIFO Register (ARFR) results in a read from the receive FIFO at the
current location of the Receive FIFO Read Pointer (RRP). After every read operation from the receive
FIFO, the RRP is automatically incremented by 1.
When the RRP is equal to the RWP and the last access to the FIFO was a transfer to the ARFR, the
receive FIFO is full. When a new complete data word has been shifted into the ARSR while the receive
FIFO was already full, the shift register overruns. In this case, the new data in the ARSR will not be
transferred to the FIFO and the RWP will not be incremented. A receive FIFO overrun is indicated by the
RXO bit in the Audio Interface Receive Status and Control Register (ARSCR). No receive interrupt will be
generated (even if enabled).
When the current RWP is equal to the TWP and the last access to the receive FIFO was a read from
ARFR, a receive FIFO underrun has occurred. This error condition is not prevented by hardware. Software
must ensure that no receive underrun occurs.
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
231
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com