công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 230 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 230 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 226Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 227Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 228Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 229Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 230Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
When the TRP is equal to the TWP and the last access to the FIFO was a write operation (to the ATFR),
the FIFO is full. If an additional write to ATFR is performed, a transmit FIFO overrun occurs. This error
condition is not prevented by hardware. Software must ensure that no transmit overrun occurs.
The transmit frame synchronization pulse on the SFS pin and the transmit shift clock on the SCK pin may
be generated internally, or they can be supplied by an external source.
24.5.5 Receive
At the receiver, the received data on the SRD pin is shifted into ARSR on the negative edge of SRCLK (or
SCK in synchronous mode), following the receive frame sync pulse, SRFS (or SFS in synchronous mode).
DMA Operation
When a complete data word has been received through the SRD pin, the new data word is copied to the
receive DMA register 0 (ARDR0). A DMA request is asserted when the ARDR0 register is full. If a new
data word is received while the ARDR0 register is still full, the ARDR0 register will be overwritten with the
new data.
FIFO Operation
When a complete word has been received, it is transferred to the receive FIFO at the current location of
the Receive FIFO Write Pointer (RWP). Then, the RWP is automatically incremented by 1.
A read from the Audio Receive FIFO Register (ARFR) results in a read from the receive FIFO at the
current location of the Receive FIFO Read Pointer (RRP). After every read operation from the receive
FIFO, the RRP is automatically incremented by 1.
When the RRP is equal to the RWP and the last access to the FIFO was a copy operation from the ARFR,
the receive FIFO is full. When a new complete data word has been shifted into ARSR while the receive
FIFO was already full, the shift register overruns. In this case, the new data in the ARSR will not be copied
into the FIFO and the RWP will not be incremented. A receive FIFO overrun is indicated by the RXO bit in
the Audio Interface Receive Status and Control Register (ARSCR). No receive interrupt will be generated.
When the RWP is equal to the RRP and the last access to the receive FIFO was a read from the ARFR, a
receive FIFO underrun has occurred. This error condition is not prevented by hardware. Software must
ensure that no receive underrun occurs.
The receive frame synchronization pulse on the SRFS pin (or SFS in synchronous mode) and the receive
shift clock on the SRCLK (or SCK in synchronous mode) may be generated internally, or they can be
supplied by an external source.
24.5.6 Network Mode
In network mode, each frame sync signal marks the beginning of new frame. Each frame can consist of up
to four slots. The audio interface operates in a similar way to normal mode, however, in network mode the
transmitter and receiver can be assigned to specific slots within each frame as described below.
24.5.7 Transmit
The transmitter only shifts out data during the assigned slot. During all other slots the STD output is in
TRI-STATE mode.
24.5.7.1 DMA Operation
When a complete data word has been transmitted through the STD pin, a new data word is reloaded from
the corresponding transmit DMA register n (ATDRn). A DMA request is asserted when ATDRn is empty. If
a new data word must be transmitted in a slot n while ATDRn is still empty, the previous slot n data will be
retransmitted.
230
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com