công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 229 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 229 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 225Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 226Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 227Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 228Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 229Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 230Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 407 page
background image
AAI
Interrupt
RXEIP = 1
RXEIE
TXIP = 1
TXIE
TXEIP = 1
TXEIE
DS155
RXIP = 1
RXIE
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 24-6. AAI Interrupt Structure
24.5.3 Normal Mode
In normal mode, each frame sync signal marks the beginning of a new frame and also the beginning of a
new slot, since each frame only consists of one slot. All 16 receive and transmit FIFO locations hold data
for the same (and only) slot of a frame. If 8-bit data are transferred, only the low byte of each 16-bit FIFO
location holds valid data.
24.5.4 Transmit
Once the interface has been enabled, transmit transfers are initiated automatically at the beginning of
every frame. The beginning of a new frame is identified by a frame sync pulse. Following the frame sync
pulse, the data is shifted out from the ATSR to the STD pin on the positive edge of the transmit data shift
clock (SCK).
DMA Operation
When a complete data word has been transmitted through the STD pin, a new data word is reloaded from
the transmit DMA register 0 (ATDR0). A DMA request is asserted when the ATDR0 register is empty. If a
new data word must be transmitted while the ATDR0 register is still empty, the previous data will be re-
transmitted.
FIFO Operation
When a complete data word has been transmitted through the STD pin, a new data word is loaded from
the transmit FIFO from the current location of the Transmit FIFO Read Pointer (TRP). After that, the TRP
is automatically incremented by 1.
A write to the Audio Transmit FIFO Register (ATFR) results in a write to the transmit FIFO at the current
location of the Transmit FIFO Write Pointer (TWP). After every write operation to the transmit FIFO, TWP
is automatically incremented by 1.
When the TRP is equal to the TWP and the last access to the FIFO was a read operation (a transfer to
the ATSR), the transmit FIFO is empty. When an additional read operation from the FIFO to ATSR is
performed (while the FIFO is already empty), a transmit FIFO underrun occurs. In this event, the read
pointer (TRP) will be decremented by 1 (incremented by 15) and the previous data word will be
transmitted again. A transmit FIFO underrun is indicated by the TXU bit in the Audio Interface Transmit
Status and Control Register (ATSCR). Also, no transmit interrupt will be generated.
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
229
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com