| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VX6854LC bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 114 page ![]() Functional description VX6854LC 22/114 DocID027110 Rev 2 Figure 8. VX6854LC power-up sequence for CSI-2 mode t5 t6 EXTCLK (Free running) SDA SCL CLKP/- DATAP/- Frame count register EXTCLK may be free running or gated Read device ID Configure device Enter streaming 0xFF 0x00 t7 STREAMING LOW POWER LOW POWER High-Speed TX t0 t1 t3 VDIG or VANA VANA or VDIG XSHUTDOWN t2 POWER-OFF HW- SW-STANDBY STANDBY This is an example of VANA rising after VDIG t4 EXTCLK (Gated) |