| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VX6854LC bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 114 page ![]() DocID027110 Rev 2 59/114 VX6854LC Video timing 69 6.1.4 Subsampling Subsampling is achieved by programming the x _odd_inc, y_odd_inc, x_even_inc and y_even_inc registers. If the pixel being readout has an even address then the address is incremented by the even increment value either x_even_inc or y_even_inc. If the pixel being readout has an odd address then the address is incremented by the odd increment value either x _odd_inc or y_odd_inc. The sub_sampled readout is disabled by setting the odd and even increment values to 1. Sub-sampling acts upon the addressed region of the array which is determined by the x_addr_start, y_addr_start, x_addr_end and y_addr_end registers. For the EDOF focus estimation to operate effectively, the x_even_inc and y_even_inc registers must be 1. The equation for the sub-sampling factor is given below: Figure 19. Sub-sample readout example sub_sampling_factor even_inc odd_inc + 2 --------------------------------------------------- = 8 5 6 7 G Gr R B G Gr R B G Gr R B G Gr R B G Gr R B G Gr R B G Gr R B G Gr R B G Gr R B 4 1 2 3 9 10 8 56 7 4 123 9 010 0 11 1 33 3 1 1 1 3 3 3 Example: x_even_inc=1 Control range: min_even_inc=1 min_odd_inc=1 max_even_inc=7 max_odd_inc=7 x_odd_inc=3 y_even_inc=1 y_odd_inc=3 |