| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VX6854LC bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 114 page ![]() DocID027110 Rev 2 63/114 VX6854LC Video timing 69 Note: op_sys_clk_div should equal vt_sys_clk_div and op_pix_clk_div should equal vt_pix_clk_div for these examples. 6.2.4 Derating To provide a wide range of data rate reduction options the full image scaler is able to reduce the data and therefore data rates in both the horizontal and vertical directions. In the VX6854LC this is achieved by the use of a FIFO between video timing and output clock domains. It is therefore necessary for the host to configure the OP clock domain to ensure that the FIFO neither over flows or under flows Figure 22. Timing block diagram Table 46. External clock frequency examples, 3.15 Mpixel Raw10 15 fps (CSI-2 or CCP) Ext Clk Freq Pre-PLL Clk Div PLL multi- plier VT Sys Clk Div VT pixel Clk Div Video timing pixel clock Line length Frame length MHz Integer Integer (Dec) Integer Integer MHz Pixel Clks µs Lines (Dec) 9.60 1 66 1 10 63.360 2500 39.46 1690 12.00 2 106 1 10 63.600 2500 39.31 1696 13.00 2 98 1 10 63.700 2500 39.25 1699 Pre PLL PLL VT sys VT Pixel OP sys OP pixel Pixel array Scaler FIFO Tx Logic Output clock domain Video timing clock domain |