| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VX6854LC bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 114 page ![]() Video timing VX6854LC 66/114 DocID027110 Rev 2 6.3 Bayer pattern The three color (Red, Green, Blue) filters are arranged over the pixel array in a repeated 2x2 arrangement known as the Bayer Pattern. When the sensor array is read, the output order of red, green, blue depends on the settings of vertical flip and horizontal mirror. See Figure 25 for read-out order for the default settings of vertical flip and horizontal mirror both turned off. Vertical flip will change the first line to be output from a green/red line to a blue/green line and horizontal mirror will change the sequence within a line, say, green/red to red/green. As shown in Figure 25, the first pixel to be readout from the imaging array will be green followed by red. Figure 25. Bayer pattern Blue Green Green Red Blue Green Green Red 3 2 1 0 1 3 2 0 5 4 Blue Green Green Red 5 4 7 6 2059 2058 2057 2056 1548 1550 1549 1547 2061 2060 1552 1551 2063 2062 Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red Blue Green Green Red 1552 active rows |