| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9662 bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9662 bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 80 page ![]() Functional description L9662 76/80 DocID028325 Rev 1 Figure 21. Combination errors diagram This error is an”or-ed” combination of the following errors: Parity Length If a SPI error is detected by the ASIC the response shall be a SR followed by all Data Words. Following a POR the first response from the ASIC over SPI2 shall be as follows: Table 47. First response from the ASIC over SPI2e Word Position Register Type Data Word 1 SR $5248 Word 2 Data $8000 Word 3 Data $8000 Word 4 Data $8000 Word 5 Data $8000 |