| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FXLS8471Q bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
FXLS8471Q bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 75 page ![]() FXLS8471Q Sensors 10 Freescale Semiconductor, Inc. 3.4 FXLS8471Q Configuration function This function configures the FXLS8471Q for a 200-Hz ODR . The code is self-explanatory and can be easily customized for different settings. Example 5. // function configures FXLS8471Q accelerometer sensor static _mqx_int s_FXLS8471Q_start(MQX_FILE_PTR aFP) { uint8_t databyte; // read and check the FXLS8471Q WHOAMI register if (s_i2c_read_regs(aFP, FXLS8471Q_SLAVE_ADDR, FXLS8471Q_WHOAMI, &databyte, (uint8_t) 1) != 1) { return (I2C_ERROR); } if (databyte != FXLS8471Q_WHOAMI_VAL) { return (I2C_ERROR); } // write 0000 0000 = 0x00 to accelerometer control register 1 to place FXLS8471Q into // standby // [7-1] = 0000 000 // [0]: active=0 databyte = 0x00; if (s_i2c_write_regs(aFP, FXLS8471Q_SLAVE_ADDR, FXLS8471Q_CTRL_REG1, &databyte, (uint8_t) 1) != 1) { return (I2C_ERROR); } // write 0000 0001= 0x01 to XYZ_DATA_CFG register // [7]: reserved // [6]: reserved // [5]: reserved // [4]: hpf_out=0 // [3]: reserved // [2]: reserved // [1-0]: fs=01 for accelerometer range of +/-4g with 0.488mg/LSB databyte = 0x01; if (s_i2c_write_regs(aFP, FXLS8471Q_SLAVE_ADDR, FXLS8471Q_XYZ_DATA_CFG, &databyte, (uint8_t) 1) != 1) { return (I2C_ERROR); } // write 0001 0101b = 0x15 to accelerometer control register 1 // [7-6]: aslp_rate=00 // [5-3]: dr=010 for 200Hz data rate // [2]: lnoise=1 for low noise mode // [1]: f_read=0 for normal 16 bit reads // [0]: active=1 to take the part out of standby and enable sampling databyte = 0x15; if (s_i2c_write_regs(aFP, FXLS8471Q_SLAVE_ADDR, FXLS8471Q_CTRL_REG1, &databyte, (uint8_t) 1) != 1) |