công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS8471Q bảng dữ liệu(PDF) 51 Page - Freescale Semiconductor, Inc

tên linh kiện FXLS8471Q
Giải thích chi tiết về linh kiện  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q bảng dữ liệu(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 47Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 48Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 49Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 50Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 51Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 52Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 53Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 54Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
51
10.8.2
A_FFMT_SRC (0x16) register
Freefall/motion source register. Read-only register.
This register keeps track of the acceleration event which is triggering (or has triggered, in case of A_FFMT_CFG[a_ffmt_ele]
= 1) the event flag. In particular A_FFMT_SRC[a_ffmt_ea] is set to a logic ‘1’ when the logical combination of acceleration event
flags specified in A_FFMT_CFG register is true. This bit is used in combination with the values in CTRL_REG4[int_en_ffmt] and
CTRL_REG5[int_cfg_ffmt] register bits to generate the freefall/motion interrupts.
Table 76. A_FFMT_SRC register
a_ffmt_ea
—
a_ffmt_zhe
a_ffmt_zhp
a_ffmt_yhe
a_ffmt_yhp
a_ffmt_xhe
a_ffmt_xhp
00000000
Table 77. A_FFMT_SRC bit descriptions
Field
Description
a_ffmt_ea
Event active flag. Default value: 0
0: No event flag has been asserted
1: One or more event flag has been asserted. See the description of the A_FFMT_CFG[a_ffmt_oae] bit to determine the
effect of the 3-axis event flags on the a_ffmt_ea bit.
a_ffmt_zhe
Z-high event flag. Default value: 0
0: Event detected
1: Z-high event has been detected
This bit always reads zero if the a_ffmt_zefe control bit is set to zero
a_ffmt_zhp
Z-high event polarity flag. Default value: 0
0: Z event was positive g
1: Z event was negative g
This bit read always zero if the a_ffmt_zefe control bit is set to zero
a_ffmt_yhe
Y-high event flag. Default value: 0
0: No event detected
1: Y-high event has been detected
This bit read always zero if the a_ffmt_yefe control bit is set to zero
a_ffmt_yhp
Y-high event polarity flag. Default value: 0
0: Y event detected was positive g
1: Y event was negative g
This bit always reads zero if the a_ffmt_yefe control bit is set to zero
a_ffmt_xhe
X-high event flag. Default value: 0
0: No event detected
1: X-high event has been detected
This bit always reads zero if the a_ffmt_xefe control bit is set to zero
a_ffmt_xhp
X-high event polarity flag. Default value: 0
0: X event was positive g
1: X event was negative g
This bit always reads zero if the a_ffmt_xefe control bit is set to zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com