công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS8471Q bảng dữ liệu(PDF) 66 Page - Freescale Semiconductor, Inc

tên linh kiện FXLS8471Q
Giải thích chi tiết về linh kiện  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q bảng dữ liệu(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 62Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 63Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 64Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 65Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 66Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 67Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 68Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 69Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
FXLS8471Q
Sensors
66
Freescale Semiconductor, Inc.
10.12
Offset correction
The 8-bit 2’s complement offset correction registers are used to remove the sensor zero g offset on the X, Y, and Z axes after
device board mount. The resolution of the offset registers is 2 mg per LSB, with an effective offset adjustment range of -256 mg
to +254 mg for each axis.
For more information on how to calibrate the 0 g offset, please refer to Freescale application note AN4069.
10.12.1 OFF_X (0x2F) register
10.12.2 OFF_Y (0x30) register
10.12.3 OFF_Z (0x31) register
Table 139. Time step for PULSE_WIND with HP_FILTER_CUTOFF[pls_hpf_en] = 0
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.318
0.318
0.318
0.318
1.25
1.25
1.25
1.25
400
0.318
0.318
0.318
0.638
1.25
1.25
1.25
2.5
200
0.638
0.638
0.318
1.276
2.5
2.5
1.25
5
100
1.276
1.276
0.318
2.56
5
5
1.25
10
50
2.56
2.56
0.318
5.1
10
10
1.25
20
12.5
2.56
10.2
0.318
20.4
10
40
1.25
80
6.25
2.56
10.2
0.318
20.4
10
40
1.25
80
1.56
2.56
10.2
0.318
20.4
10
40
1.25
80
Table 140. OFF_X register
off_x[7:0]
8’b00000000
Table 141. OFF_X bit description
Field
Description
off_x[7:0]
X-axis offset correction value expressed as an 8-bit 2's complement number.
Table 142. OFF_Y register
off_y[7:0]
8’b00000000
Table 143. OFF_Y bit description
Field
Description
off_y[7:0]
Y-axis offset correction value expressed as an 8-bit 2's complement number.
Table 144. OFF_Z register
off_z[7:0]
8’b00000000
Table 145. OFF_Z bit description
Field
Description
off_z[7:0]
Z-axis offset correction value expressed as an 8-bit 2's complement number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com