| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0056 bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 156 page ![]() The Cortex-M3 instruction set PM0056 48/156 DocID15491 Rev 5 PUSH reglist Push registers onto stack — 3.4.7 on page 68 RBIT Rd, Rn Reverse bits — 3.5.8 on page 81 REV Rd, Rn Reverse byte order in a word — 3.5.8 on page 81 REV16 Rd, Rn Reverse byte order in each halfword — 3.5.8 on page 81 REVSH Rd, Rn Reverse byte order in bottom halfword and sign extend — 3.5.8 on page 81 ROR, RORS Rd, Rm, <Rs|#n> Rotate right N,Z,C 3.5.3 on page 76 RRX, RRXS Rd, Rm Rotate right with extend N,Z,C 3.5.3 on page 76 RSB, RSBS {Rd,} Rn, Op2 Reverse subtract N,Z,C,V 3.5.1 on page 73 SBC, SBCS {Rd,} Rn, Op2 Subtract with carry N,Z,C,V 3.5.1 on page 73 SBFX Rd, Rn, #lsb, #width Signed bit field extract — 3.8.2 on page 89 SDIV {Rd,} Rn, Rm Signed divide — 3.6.3 on page 86 SEV — Send event — 3.9.9 on page 102 SMLAL RdLo, RdHi, Rn, Rm Signed multiply with accumulate (32 x 32 + 64), 64-bit result — 3.6.2 on page 85 SMULL RdLo, RdHi, Rn, Rm Signed multiply (32 x 32), 64-bit result — 3.6.2 on page 85 SSAT Rd, #n, Rm {,shift #s} Signed saturate Q 3.7.1 on page 87 STM Rn{!}, reglist Store multiple registers, increment after — 3.4.6 on page 67 STMDB, STMEA Rn{!}, reglist Store multiple registers, decrement before — 3.4.6 on page 67 STMFD, STMIA Rn{!}, reglist Store multiple registers, increment after — 3.4.6 on page 67 STR Rt, [Rn, #offset] Store register word — 3.4 on page 60 STRB, STRBT Rt, [Rn, #offset] Store register byte — 3.4 on page 60 STRD Rt, Rt2, [Rn, #offset] Store register two words — 3.4.2 on page 61 Table 20. Cortex-M3 instructions (continued) Mnemonic Operands Brief description Flags Section |