| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0056 bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 156 page ![]() DocID15491 Rev 5 79/156 PM0056 The Cortex-M3 instruction set 3.5.6 MOV and MVN Move and move NOT. Syntax MOV{S}{cond} Rd, Operand2 MOV{cond} Rd, #imm16 MVN{S}{cond} Rd, Operand2 where: • ‘S’ is an optional suffix. If S is specified, the condition code flags are updated on the result of the operation (see Conditional execution on page 57). • ‘cond’ is an optional condition code (see Conditional execution on page 57) • ‘Rd’ is the destination register • ‘Operand2’ is a flexible second operand (see Flexible second operand on page 52) for details of the options. • ‘imm16’ is any value in the range 0—65535 Operation The MOV instruction copies the value of operand2 into Rd. When operand2 in a MOV instruction is a register with a shift other than LSL #0, the preferred syntax is the corresponding shift instruction: • ASR{S}{cond} Rd, Rm, #n is the preferred syntax for MOV{S}{cond} Rd, Rm, ASR #n • LSL{S}{cond} Rd, Rm, #n is the preferred syntax for MOV{S}{cond} Rd, Rm, LSL #n if n != 0 • LSR{S}{cond} Rd, Rm, #n is the preferred syntax for MOV{S}{cond} Rd, Rm, LSR #n • ROR{S}{cond} Rd, Rm, #n is the preferred syntax for MOV{S}{cond} Rd, Rm, ROR #n • RRX{S}{cond} Rd, Rm is the preferred syntax for MOV{S}{cond} Rd, Rm, RRX Also, the MOV instruction permits additional forms of operand2 as synonyms for shift instructions: • MOV{S}{cond} Rd, Rm, ASR Rs is a synonym for ASR{S}{cond} Rd, Rm, Rs • MOV{S}{cond} Rd, Rm, LSL Rs is a synonym for LSL{S}{cond} Rd, Rm, Rs • MOV{S}{cond} Rd, Rm, LSR Rs is a synonym for LSR{S}{cond} Rd, Rm, Rs • MOV{S}{cond} Rd, Rm, ROR Rs is a synonym for ROR{S}{cond} Rd, Rm, Rs See ASR, LSL, LSR, ROR, and RRX on page 76. The MVN instruction takes the value of operand2, performs a bitwise logical NOT operation on the value, and places the result into Rd. Note: The MOVW instruction provides the same function as MOV, but is restricted to using the imm16 operand. |