công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0056 bảng dữ liệu(PDF) 94 Page - STMicroelectronics

tên linh kiện PM0056
Giải thích chi tiết về linh kiện  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 bảng dữ liệu(HTML) 94 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 90Page - STMicroelectronics PM0056 Datasheet HTML 91Page - STMicroelectronics PM0056 Datasheet HTML 92Page - STMicroelectronics PM0056 Datasheet HTML 93Page - STMicroelectronics PM0056 Datasheet HTML 94Page - STMicroelectronics PM0056 Datasheet HTML 95Page - STMicroelectronics PM0056 Datasheet HTML 96Page - STMicroelectronics PM0056 Datasheet HTML 97Page - STMicroelectronics PM0056 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 156 page
background image
The Cortex-M3 instruction set
PM0056
94/156
DocID15491 Rev 5
CMP
Rn, #0
BNE
label
Restrictions
The restrictions are:
Rn must be in the range of R0 to R7
The branch destination must be within 4 to 130 bytes after the instruction
These instructions must not be used inside an IT block.
Condition flags
These instructions do not change the flags.
Examples
CBZ
R5, target ; Forward branch if R5 is zero
CBNZ
R0, target ; Forward branch if R0 is not zero
3.8.7
IT
If-Then condition instruction.
Syntax
IT{x{y{z}}} cond
where:
‘x’ specifies the condition switch for the second instruction in the IT block.
‘y’ specifies the condition switch for the third instruction in the IT block.
‘z’ specifies the condition switch for the fourth instruction in the IT block.
‘cond’ specifies the condition for the first instruction in the IT block.
The condition switch for the second, third and fourth instruction in the IT block can be either:
T: Then. Applies the condition cond to the instruction.
E: Else. Applies the inverse condition of cond to the instruction.
a)
It is possible to use AL (the always condition) for cond in an IT instruction. If this is
done, all of the instructions in the IT block must be unconditional, and each of x, y,
and z must be T or omitted but not E.
Operation
The IT instruction makes up to four following instructions conditional. The conditions can be
all the same, or some of them can be the logical inverse of the others. The conditional
instructions following the IT instruction form the IT block.
The instructions in the IT block, including any branches, must specify the condition in the
{cond} part of their syntax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More