| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 156 Page - STMicroelectronics |
|
156 / 162 page ![]() STM8 instruction set PM0044 156/162 Doc ID 13590 Rev 3 Syntax TNZW dst e.g. TNZW X Operation {N, Z} = Test(dst) Description The destination 16-bit word, index register, is tested and both N and Z flags of the Condition Code (CC) register are updated accordingly. Instruction overview N ⇒ R15 Set if bit 15 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x0000), cleared otherwise. Detailed description See also: TNZ, CPW TNZW Word Test for Negative or Zero TNZW mnem dst Affected condition flags VI1 H I0 N Z C TNZW Reg - - - - N Z - dst Asm cy lgth Op-code(s) ST7 XTNZW X 2 1 5D YTNZW Y 2 2 90 5D |