| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0044 bảng dữ liệu(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 bảng dữ liệu(HTML) 134 Page - STMicroelectronics |
|
134 / 162 page ![]() STM8 instruction set PM0044 134/162 Doc ID 13590 Rev 3 Syntax RLC dst e.g. RLC (X) Operation Description The destination is either a memory byte or a register. This instruction is compact, and does not affect any register when used with RAM variables.This instruction shifts all bits of the register or memory, one place to the left, through the Carry bit. Bit 0 of the result is a copy of the CC.C value before the operation. Instruction overview N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. C ⇒ b7 Set if, before the shift, the MSB of register or memory was set, cleared otherwise. Detailed description See also: RLCW, RRC, SLL, SRL, SRA, ADC, SWAP, SLA RLC Rotate Left Logical through Carry RLC mnem dst Affected condition flags VI1 H I0 N Z C RLC Reg -- -- N Z bit7 RLC Mem -- -- N Z bit7 dst Asm cy lgth Op-code(s) ST7 ARLC A 1 1 49 ✗ shortmem RLC $10 1 2 39 XX ✗ longmem RLC $1000 1 4 72 59 MS LS (X) RLC (X) 1 1 79 ✗ (shortoff,X) RLC ($10,X) 1 2 69 XX ✗ (longoff,X) RLC ($1000,X) 1 4 72 49 MS LS (Y) RLC (Y) 1 2 90 79 ✗ (shortoff,Y) RLC ($10,Y) 1 3 90 69 XX ✗ (longoff,Y) RLC ($1000,Y) 1 4 90 49 MS LS (shortoff,SP) RLC ($10,SP) 1 2 09 XX ✗ [shortptr.w] RLC [$10] 4 3 92 39 XX ✗ [longptr.w] RLC [$1000].w 4 4 72 39 MS LS ([shortptr.w],X) RLC ([$10],X) 4 3 92 69 XX ✗ ([longptr.w],X) RLC ([$1000.w],X) 4 4 72 69 MS LS ([shortptr.w],Y) RLC ([$10],Y) 4 3 91 69 XX ✗ Cb7 b0 |