| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89LP51RB2 bảng dữ liệu(PDF) 64 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LP51RB2 bảng dữ liệu(HTML) 64 Page - ATMEL Corporation |
|
64 / 254 page ![]() 64 3722A–MICRO–10/11 AT89LP51RB2/RC2/IC2 Preliminary Table 9-5. IPL0 – Interrupt Priority Low Register 0 IPL0 = B8H Reset Value = 0000 0000B Bit Addressable IP0DIS PPCL PT2L PSL PT1L PX1L PT0L PX0L Bit 7 6 543 21 0 Symbol Function IP0DIS Interrupt Level 0 Disable Clear to enable all interrupts with priority level 0. Set to disable all interrupts with priority level 0. PPCL PCA Interrupt Priority Low Low order bit for PCA interrupt priority level. PT2L Timer 2 Interrupt Priority Low Low order bit for Timer 2 interrupt priority level. PSL Serial Port Interrupt Priority Low Low order bit for UART interrupt priority level. PT1L Timer 1 Interrupt Priority Low Low order bit for Timer 1 interrupt priority level. PX1L External Interrupt 1 Priority Low Low order bit for INT1 interrupt priority level. PT0L Timer 0 Interrupt Priority Low Low order bit for Timer 0 interrupt priority level. PX0L External Interrupt 0 Priority Low Low order bit for INT0 interrupt priority level. Table 9-6. IPL1 – Interrupt Priority Low Register 1 IPL1 = B2H Reset Value = 0000 0000B Bit Addressable IP2DIS – PADCL PCMPL – PSPL PTWL PKBL Bit 7 6 543 21 0 Symbol Function IP2DIS Interrupt Level 2 Disable Clear to enable all interrupts with priority level 2. Set to disable all interrupts with priority level 2. PADCL ADC Interrupt Priority Low Low order bit for ADC interrupt priority level. PCMPL Analog Comparator Interrupt Priority Low Low order bit for Analog Comparator interrupt priority level. PSPL SPI Interrupt Priority Low Low order bit for SPI interrupt priority level. PTWL TWI Interrupt Priority Low Low order bit for TWI interrupt priority level. PKBL Keyboard Interrupt Priority Low Low order bit for Keyboard interrupt priority level. |