công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EN25Q64-104FIP bảng dữ liệu(PDF) 38 Page - Eon Silicon Solution Inc.

tên linh kiện EN25Q64-104FIP
Giải thích chi tiết về linh kiện  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EON [Eon Silicon Solution Inc.]
Trang chủ  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP bảng dữ liệu(HTML) 38 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 38Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 39Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 40Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 41Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 42Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
38
EN25Q64
Rev. J, Issue Date: 2011/07/07
Figure 20.1 Chip Erase Sequence under EQPI Mode
Deep Power-down (DP) (B9h)
Executing the Deep Power-down (DP) instruction is the only way to put the device in the lowest con-
sumption mode (the Deep Power-down mode). It can also be used as an extra software protection
mechanism, while the device is not in active use, since in this mode, the device ignores all Write,
Program and Erase instructions.
Driving Chip Select (CS#) High deselects the device, and puts the device in the Standby mode (if there
is no internal cycle currently in progress). But this mode is not the Deep Power-down mode. The Deep
Power-down mode can only be entered by executing the Deep Power-down (DP) instruction, to reduce
the standby current (from ICC1 to ICC2, as specified in Table 9.)
Once the device has entered the Deep Power-down mode, all instructions are ignored except the
Release from Deep Power-down and Read Device ID (RDI) instruction. This releases the device from
this mode. The Release from Deep Power-down and Read Device ID (RDI) instruction also allows the
Device ID of the device to be output on Serial Data Output (DO).
The Deep Power-down mode automatically stops at Power-down, and the device always Powers-up in
the Standby mode. The Deep Power-down (DP) instruction is entered by driving Chip Select (CS#) Low,
followed by the instruction code on Serial Data Input (DI). Chip Select (CS#) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 21. Chip Select (CS#) must be driven High after the eighth
bit of the instruction code has been latched in, otherwise the Deep Power-down (DP) instruction is not
executed. As soon as Chip Select (CS#) is driven High, it requires a delay of tDP before the supply
current is reduced to ICC2 and the Deep Power-down mode is entered.
Any Deep Power-down (DP) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com