| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05P9A bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05P9A bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 90 page ![]() GENERAL RELEASE SPECIFICATION MEMORY Rev. 2.0 2-1 SECTION 2 MEMORY The MC68HC05P9A has an eight Kbyte memory map, consisting of user ROM, user RAM, self-check ROM, and I/O. See Figure 2-1 and Figure 2-2. $0000 I/O 32 Bytes 0000 $0020 User ROM (Page Zero) 48 Bytes 0032 $0050 Unused (48 Bytes) 0080 $0080 RAM 128 Bytes 0128 ↑ Stack 64 Bytes $0100 User ROM 2048 Bytes 0256 $900 Unused 5632 Bytes 2304 $1F00 Self-Check ROM 240 Bytes 7936 $1FE0 Self-Check Vectors 8160 $1FF0 $1FFF User Vectors 16 Bytes 8176 8191 Figure 2-1. Memory Map Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |