công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05P9A bảng dữ liệu(PDF) 42 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05P9A
Giải thích chi tiết về linh kiện  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A bảng dữ liệu(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
GENERAL RELEASE SPECIFICATION
SIMPLE SERIAL INPUT/OUTPUT PORT
MC68HC05P9A
7-4
Rev. 2.0
7.2.2 SIOP Status Register (SSR)
This register is located at address $000B and contains only two bits.
SPIF — Serial Peripheral Interface Flag
This bit is set upon occurrence of the last rising clock edge and indicates that a
data transfer has taken place. It has no effect on any further transmissions and
can be ignored without problem. SPIF is cleared by reading the SSR with SPIF
set followed by a read or write of the serial data register. If it is cleared before
the last edge of the next byte, it will be set again. Reset clears this bit.
DCOL — Data Collision
This is a read-only status bit which indicates that an invalid access to the data
register has been made. This can occur any time after the first falling edge of
SCK and before SPIF is set. A read or write of the data register during this time
will result in invalid data being transmitted or received.
DCOL is cleared by reading the status register with SPIF set followed by a read
or write of the data register. If the last part of the clearing sequence is done
after another transmission has been started, DCOL will be set again. If the
DCOL bit is set and the SPIF is not set, clearing the DCOL requires turning the
SIOP off then turning it back on. Reset also clears this bit.
$0B
SPIF
DCOL
000000
RESET:
00000000
Figure 7-4. SIOP Status Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com