công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05P9A bảng dữ liệu(PDF) 55 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05P9A
Giải thích chi tiết về linh kiện  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A bảng dữ liệu(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
GENERAL RELEASE SPECIFICATION
ANALOG-TO-DIGITAL (A/D) CONVERTER
Rev. 2.0
10-1
SECTION 10
ANALOG-TO-DIGITAL (A/D) CONVERTER
This section describes the four-channel, 8-bit, multiplexed input, successive-
approximation A/D converter.
10.1
Conversion Process
The A/D conversion process is ratiometric, using two reference voltages, VRH and
VSS. Conversion accuracy is guaranteed only if VRH is equal to VDD.
A multiplexer selects one of four analog input channels (AN3, AN2, AN1, or AN0)
for sampling. A comparator successively compares the output of an internal
digital-to-analog (D/A) converter to the sampled analog input. Control logic
changes the D/A converter input one bit at a time, starting with the most
significant bit (MSB), until the D/A converter output matches the sampled analog
input. The conversion is monotonic and has no missing codes.
An analog input voltage equal to VRH converts to digital $FF; an input voltage
greater than VRH converts to $FF with no overflow. An analog input voltage equal
to VSS converts to digital $00. For ratiometric conversions, the source of each
analog input should use VRH as the supply voltage and be referenced to VSS.
Pins PC6–PC3 are the four inputs to the multiplexer. Each channel of conversion
takes 32 internal clock cycles, and the clock frequency must be equal to or greater
than 1 MHz. If the internal clock frequency is less than 1 MHz, the A/D internal RC
oscillator (nominally 1.5 MHz) must be used for the A/D conversion clock. Make
this selection by setting the ADRC bit in the A/D status and control register to
logical one.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com