công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05P9A bảng dữ liệu(PDF) 32 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05P9A
Giải thích chi tiết về linh kiện  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A bảng dữ liệu(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
GENERAL RELEASE SPECIFICATION
INTERRUPTS
MC68HC05P9A
4-6
Rev. 2.0
4.4
Optional External Interrupts (PA0-PA7)
The IRQ interrupt can be triggered by the inputs on the PA0 thru PA7 port pins if
enabled by individual mask options. With pullup enabled, each port A pin can
activate the IRQ interrupt function and the interrupt operation will be the same as
for inputs to the IRQ pin. Once enabled by mask option, each individual port A pin
can be disabled as an interrupt source if its corresponding DDR bit is configured
for output mode.
NOTE
The BIH and BIL instructions apply to the output of the logic OR
function of the enabled PA0 thru PA7 interrupt pins and the IRQ pin.
The BIH and BIL instructions do not exclusively test the state of the
IRQ pin.
NOTE
If enabled, the PA0 thru PA7 pins will cause an IRQ interrupt only if
these individual pins are configured as inputs.
4.5
Software Interrupt (SWI)
The SWI is an executable instruction and a non-maskable interrupt. It is executed
regardless of the state of the I bit in the CCR. If the I bit is zero (interrupts
enabled), SWI executes after interrupts which were pending when the SWI was
fetched but before interrupts generated after the SWI was fetched. The interrupt
service routine address is specified by the contents of memory locations $1FFC
and $1FFD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com