| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05P9A bảng dữ liệu(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05P9A bảng dữ liệu(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 90 page ![]() GENERAL RELEASE SPECIFICATION GENERAL DESCRIPTION MC68HC05P9A 1-4 Rev. 2.0 1.4 Pin Assignments The MC68HC05P9A pin assignments are shown in Figure 1-2. Figure 1-2. Pin Assignments 1.5 Signal Description The following paragraphs provide a description of the signals. 1.5.1 V DD and V SS Power is supplied to the microcontroller through VDD and VSS. VDD is the power supply and VSS is ground. 1.5.2 IRQ This pin has a mask option that provides two different choices of interrupt triggering sensitivity. The IRQ pin contains an internal Schmitt trigger as part of its input to improve noise immunity. Refer to SECTION 3 CENTRAL PROCESSING UNIT for more detail. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 27 28 VDD OSC1 OSC2 TCAP/PD7 TCMP PD5 PC0 PC1 RESET IRQ PA7 PA5 PA4 PA3 PA2 PA1 PA0 PA6 15 16 17 18 19 20 SDO/PB5 SDI/PB6 SCK/PB7 VSS 21 22 23 24 25 26 PC2 PC3/AN3 PC4/AN2 PC5/AN1 PC6/AN0 PC7/VRH Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |