công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05P9A bảng dữ liệu(PDF) 46 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05P9A
Giải thích chi tiết về linh kiện  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A bảng dữ liệu(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
GENERAL RELEASE SPECIFICATION
TIMER
MC68HC05P9A
8-2
Rev. 2.0
8.1
Counter
The key element in the programmable timer is a 16-bit, free-running counter or
counter register, preceded by a prescaler that divides the internal processor clock
by four. The prescaler gives the timer a resolution of 2.0 microseconds if the
internal bus clock is 2.0 MHz. The counter is incremented during the low portion
of the internal bus clock.
Software can read the counter at any time without
affecting its value.
The double-byte, free-running counter can be read from either of two locations,
$18-$19 (counter register) or $1A-$1B (counter alternate register). A read from
only the least significant byte (LSB) of the free-running counter ($19, $1B)
receives the count value at the time of the read. If a read of the free-running
counter or counter alternate register first addresses the most significant byte
(MSB) ($18, $1A), the LSB ($19, $1B) is transferred to a buffer. This buffer value
remains fixed after the first MSB read, even if the user reads the MSB several
Figure 8-1. Timer Block Diagram
Input
Capture
Register
Clock
Internal Bus
Output
Compare
Register
High
Byte
Low
Byte
$16
$17
/4
Internal
Processor
16-Bit Free
Running
Counter
Counter
Alternate
Register
8-Bit
Buffer
High
Byte
Low
Byte
$1A
$1B
$18
$19
High
Byte
Low
Byte
$14
$15
Output
Compare
Circuit
Overflow
Detect
Circuit
Edge
Detect
Circuit
Timer
Status
Reg.
ICF OCF TOF $13
ICIE
IEDG OLVL
Output
Level
Reg.
RESET
Timer
Control
Reg.
$12
Output
Level
(TCMP)
Interrupt
Circuit
TOIE
OCIE
Edge
Input
(TCAP)
D
CLK
C
Q
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com