công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05P9A bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05P9A
Giải thích chi tiết về linh kiện  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
Rev. 2.0
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC05P9A is a 28-pin device based on the MC68HC05P9. The memory
map includes 2112 bytes of user ROM and 128 bytes of RAM. The MCU has two
8-bit input/output (I/O) ports, A and C. Port B has three I/O pins and port D has
two pins, one that is I/O and the other input only. The MC68HC05P9A includes a
four-channel 8-bit analog-to-digital (A/D) converter, a simple serial I/O peripheral
(SIOP), and an on-chip mask programmable computer operating properly (COP)
watchdog circuit.
1.1
Features
•
Low Cost
•
HC05 Core
•
28-Pin Package
•
On-Chip Oscillator with RC or Crystal/Ceramic Resonator Mask Options
•
2112 Bytes of User ROM Including 16 User Vector Locations
•
ROM Security Feature
•
128 Bytes of On-Chip RAM
•
16-Bit Timer
•
20 Bidirectional I/O Lines, One Input-Only Line
•
Mask Programmable Keyscan (Pullups and Interrupt) on Eight Port Pins
(PA0 through PA7)
•
Two Port Pins with High Current Drive Capability (PC0, PC1)
•
User Mode
•
Four-Channel 8-Bit A/D Converter
•
Self-Check Mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90