công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05P9A bảng dữ liệu(PDF) 12 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05P9A
Giải thích chi tiết về linh kiện  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A bảng dữ liệu(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
MC68HC05P9A
1-2
Rev. 2.0
•
Power-Saving Stop and Wait Modes
•
STOP Conversion to Halt Mode (Mask Option)
•
Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger Mask
Option
•
Simple Serial Input/Output Port
•
Mask Option Selectable Watchdog Timer (COP)
1.2
Mask Options
There are 13 mask options on the MC68HC05P9A:
•
CLOCK (RC or Crystal)
•
IRQ (Edge-Sensitive Only or Edge- and Level-Sensitive)
•
SIOP (MSB or LSB First)
•
COP Watchdog Timer (Enable/Disable)
•
Keyscan Pullups and Interrupts on Port A (Enable/Disable by Pin).
•
Stop Instruction (Option to Convert to Halt)
All mask options and the user ROM are programmed on the 04E layer in
fabrication.
NOTE
Negative true signals like RESET and IRQ will be denoted with an
overline.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com