công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05P9A bảng dữ liệu(PDF) 35 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05P9A
Giải thích chi tiết về linh kiện  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A bảng dữ liệu(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
GENERAL RELEASE SPECIFICATION
LOW POWER MODES
Rev. 2.0
6-1
SECTION 6
LOW POWER MODES
The MC68HC05P9A is capable of running in a low-power mode in each of its
configurations. The WAIT and STOP instructions provide two modes that reduce
the power required for the MCU by stopping various internal clocks and/or the on-
chip oscillator. The STOP and WAIT instructions are not normally used if the COP
watchdog timer is enabled. The stop conversion mask option is used to modify the
behavior of the STOP instruction from stop mode to halt mode. The flow of the
stop, halt, and wait modes is shown in Figure 6-1.
6.1
STOP Instruction
The STOP instruction can result in one of two modes of operation, depending on
the stop conversion mask option. If the stop conversion is not chosen, the STOP
instruction will behave like a normal STOP instruction in the MC68HC05 Family
and place the MCU in the stop mode. If the stop conversion is chosen, the STOP
instruction will behave like a WAIT instruction (with the exception of a variable
delay at startup) and place the MCU in the halt mode.
6.1.1 Stop Mode
Execution of the STOP instruction without conversion to halt places the MCU in its
lowest power consumption mode. In the stop mode the internal oscillator is turned
off, halting
all internal processing, including the COP watchdog timer. Execution
of the STOP instruction automatically clears the I bit in the condition code register
so that the IRQ external interrupt is enabled. All other registers and memory
remain unaltered. All input/output lines remain unchanged.
The MCU can be brought out of the stop mode only by an IRQ external interrupt
or an externally generated RESET. When exiting the stop mode, the internal
oscillator will resume after a 4064 PH2 clock cycle oscillator stabilization delay.
NOTE
Execution of the STOP instruction without conversion to halt (via
mask option) will cause the oscillator to stop, and therefore disable
the COP watchdog timer. If the COP watchdog timer is used, the
stop mode should be changed to the halt mode by selecting the
appropriate mask option.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com