| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 164 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 164 Page - Freescale Semiconductor, Inc |
|
164 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 164 Freescale Semiconductor Operation: (M) – $01 ⇒ M Description: Subtract one from the content of memory location M. The N, Z, and V status bits are set or cleared according to the results of the operation. The C status bit is not affected by the operation, thus allowing the DEC instruction to be used as a loop counter in multiple-precision computations. DEC Decrement Memory DEC CCR Details: S X HIN Z V C –––– ∆∆∆ – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: Set if there was a two’s complement overflow as a result of the operation; cleared otherwise. Two’s complement overflow occurs if and only if (M) was $80 before the operation. Source Form Address Mode Object Code(1) 1. Encoding for lb is summarized in the following table. Bit 3 is not used (don’t care), bit 5 selects branch on zero (DBEQ – 0) or not zero (DBNE – 1) versions, and bit 4 is the sign bit of the 9-bit relative offset. Bits 7 and 6 would be 0:0 for DBNE. Access Detail HCS12 M68HC12 DEC opr16a DEC oprx0_xysp DEC oprx9,xysp DEC oprx16,xysp DEC [D,xysp] DEC [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 73 hh ll 63 xb 63 xb ff 63 xb ee ff 63 xb 63 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |