| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 155 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 155 Page - Freescale Semiconductor, Inc |
|
155 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 155 Operation: (A) = $FF – (A) ⇒ A Description: Replaces the content of accumulator A with its one’s complement. Each bit of A is complemented. Immediately after a COM operation on unsigned values, only the BEQ, BNE, LBEQ, and LBNE branches can be expected to perform consistently. After operation on two’s complement values, all signed branches are available. COMA Complement A COMA CCR Details: S X HIN Z V C –––– ∆∆ 01 N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared C: 1; set (for M6800 compatibility) Source Form Address Mode Object Code Access Detail HCS12 M68HC12 COMA INH 41 0 0 |