| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 144 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 144 Page - Freescale Semiconductor, Inc |
|
144 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 144 Freescale Semiconductor Operation: (SP) – $0002 ⇒ SP; RTNH : RTNL ⇒ M(SP) : M(SP+1) (SP) – $0001 ⇒ SP; (PPAGE) ⇒ M(SP) page ⇒ PPAGE; Subroutine Address ⇒ PC Description: Sets up conditions to return to normal program flow, then transfers control to a subroutine in expanded memory. Uses the address of the instruction following the CALL as a return address. For code compatibility, CALL also executes correctly in devices that do not have expanded memory capability. Decrements the SP by two, then stores the return address on the stack. The SP points to the high-order byte of the return address. Decrements the SP by one, then stacks the current memory page value from the PPAGE register on the stack. Writes a new page value supplied by the instruction to PPAGE and transfers control to the subroutine. In indexed-indirect modes, the subroutine address and the PPAGE value are fetched from memory in the order M high byte, M low byte, and new PPAGE value. Expanded-memory subroutines must be terminated by an RTC instruction, which restores the return address and PPAGE value from the stack. CALL Call Subroutine in Expanded Memory CALL CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 CALL opr16a, page CALL oprx0_xysp, page CALL oprx9,xysp, page CALL oprx16,xysp, page CALL [D,xysp] CALL [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 4A hh ll pg 4B xb pg 4B xb ff pg 4B xb ee ff pg 4B xb 4B xb ee ff gnSsPPP gnSsPPP gnSsPPP fgnSsPPP fIignSsPPP fIignSsPPP gnfSsPPP gnfSsPPP gnfSsPPP fgnfSsPPP fIignSsPPP fIignSsPPP |