| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 111 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 111 Page - Freescale Semiconductor, Inc |
|
111 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 111 Operation: Description: Shifts all bits of memory location M one bit position to the left. Bit 0 is loaded with a 0. The C status bit is loaded from the most significant bit of M. ASL Arithmetic Shift Left Memory (same as LSL) ASL C b7 – – – – – – b0 0 CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: N ⊕ C = [N • C] + [N • C] (for N and C after the shift) Set if (N is set and C is cleared) or (N is cleared and C is set); cleared otherwise (for values of N and C after the shift) C: M7 Set if the MSB of M was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ASL opr16a ASL oprx0_xysp ASL oprx9,xysp ASL oprx16,xysp ASL [D,xysp] ASL [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 78 hh ll 68 xb 68 xb ff 68 xb ee ff 68 xb 68 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |