| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 106 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 106 Page - Freescale Semiconductor, Inc |
|
106 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 106 Freescale Semiconductor Operation: (B) + (M) ⇒ B Description: Adds the content of memory location M to accumulator B and places the result in B. This instruction affects the H status bit, so it is suitable for use in BCD arithmetic operations. See DAA instruction for additional information. ADDB Add without Carry to B ADDB CCR Details: S X HIN Z V C –– ∆ – ∆∆∆∆ H: B3 • M3 + M3 • R3 + R3 • B3 Set if there was a carry from bit 3; cleared otherwise N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: B7 • M7 • R7 + B7 • M7 • R7 Set if two’s complement overflow resulted from the operation; cleared otherwise C: B7 • M7 + M7 • R7 + R7 • B7 Set if there was a carry from the MSB of the result; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ADDB #opr8i ADDB opr8a ADDB opr16a ADDB oprx0_xysp ADDB oprx9,xysp ADDB oprx16,xysp ADDB [D,xysp] ADDB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] CB ii DB dd FB hh ll EB xb EB xb ff EB xb ee ff EB xb EB xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |