| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 398 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 398 Page - Freescale Semiconductor, Inc |
|
398 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 398 Freescale Semiconductor Table A-4. Indexed Addressing Mode Summary Postbyte Code (xb) Operand Syntax Comments rr0nnnnn ,r n,r –n,r 5-bit constant offset n = –16 to +15 rr can specify X, Y, SP, or PC 111rr0zs n,r –n,r Constant offset (9- or 16-bit signed) z- 0 = 9-bit with sign in LSB of postbyte (s) 1 = 16-bit if z = s = 1, 16-bit offset indexed-indirect (see below) rr can specify X, Y, SP, or PC rr1pnnnn n,–r n,+r n,r– n,r+ Auto predecrement, preincrement, postdecrement, or postincrement; p = pre-(0) or post-(1), n = –8 to –1, +1 to +8 rr can specify X, Y, or SP (PC not a valid choice) 111rr1aa A,r B,r D,r Accumulator offset (unsigned 8-bit or 16-bit) aa - 00 = A 01 = B 10 = D (16-bit) 11 = see accumulator D offset indexed-indirect rr can specify X, Y, SP, or PC 111rr011 [n,r] 16-bit offset indexed-indirect rr can specify X, Y, SP, or PC 111rr111 [D,r] Accumulator D offset indexed-indirect rr can specify X, Y, SP, or PC |