| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 275 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 275 Page - Freescale Semiconductor, Inc |
|
275 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 275 Operation: 1 ⇒ C bit Description: Sets the C status bit. This instruction is assembled as ORCC #$01. The ORCC instruction can be used to set any combination of bits in the CCR in one operation. SEC can be used to set up the C bit prior to a shift or rotate instruction involving the C bit. SEC Set Carry SEC CCR Details: S X HIN Z V C ––––––– 1 C: 1; set Source Form Address Mode Object Code Access Detail HCS12 M68HC12 SEC translates to... ORCC #$01 IMM 14 01 P P |